Part Number Hot Search : 
M12864 RA8835 SC560 GPM55F B1010 EMK12G 00P100 7471U
Product Description
Full Text Search
 

To Download T2-2S2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
24-pin DIP, 1.5 to 3 Watts
T2 Series
OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT 300 125 100 150 62 50 400 166 133 200 83 67 600 250 200 300 125 100 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA
OUTPUT POWER 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 2W 2W 2W 2W 2W 2W 3W 3W 3W 3W 3W 3W
MODEL NUMBER 5 VDC IN T2-1S0505 T2-1S0512 T2-1S0515 T2-1D0505 T2-1D0512 T2-1D0515 T2-2S0505 T2-2S0512 T2-2S0515 T2-2D0505 T2-2D0512 T2-2D0515 T2-3S0505 T2-3S0512 T2-3S0515 T2-3D0505 T2-3D0512 T2-3D0515 12 VDC IN T2-1S1205 T2-1S1212 T2-1S1215 T2-1D1205 T2-1D1212 T2-1D1215 T2-2S1205 T2-2S1212 T2-2S1215 T2-2D1205 T2-2D1212 T2-2D1215 T2-3S1205 T2-3S1212 T2-3S1215 T2-3D1205 T2-3D1212 T2-3D1215 15 VDC IN T2-1S1505 T2-1S1512 T2-1S1515 T2-1D1505 T2-1D1512 T2-1D1515 T2-2S1505 T2-2S1512 T2-2S1515 T2-2D1505 T2-2D1512 T2-2D1515 T2-3S1505 T2-3S1512 T2-3S1515 T2-3D1505 T2-3D1512 T2-3D1515 24 VDC IN T2-1S2405 T2-1S2412 T2-1S2415 T2-1D2405 T2-1D2412 T2-1D2415 T2-2S2405 T2-2S2412 T2-2S2415 T2-2D2405 T2-2D2412 T2-2D2415 T2-3S2405 T2-3S2412 T2-3S2415 T2-3D2405 T2-3D2412 T2-3D2415
48V input and other input/output combinations available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage Range................................................10% Input Filter........................................................Pi Network OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Line/Load Regulation....................................0.5%, Max.
(Unregulated output models available upon request.) PIN CONNECTIONS ISOL. FUNC. +Vin -Vin +Vout Com. -Vout *NC 1,000 VDC SINGLE DUAL 3,000 VDC SINGLE 1,2 23,24 13 12 DUAL 1,2 23,24 15 10,11 13 -
1,24 1,24 12,13 12,13 11,14 11,14 3,10,15,22 10, 15 2,23 2,3,22,23 -
Ripple and Noise, 20MHz BW................75 mVp-p, Max. Short Circuit Protection..................................Continuous Short Circuit Restart.........................................Automatic GENERAL SPECIFICATIONS Efficiency.............................................................50-70% Isolation Voltage, Input to Output....1,000 VDC, Standard 3,000 VDC, Suffix "H
(6KV isolation available for some models.)
*NC: No connection. No pin on other pin locations. 24 1
0.08 (2.0) 1.25 (31.8) 0.10 (2.5)
BOTTOM VIEW
Isolation Resistance..................................109 Ohms, Min. Switching Frequency..................................125 kHz, Typ. Operating Temperature Range................-25C to +71C Storage Temperature Range..................-40C to +125C Cooling.............................................Free Air Convection Weight............................................0.45 oz. (12.2 grams) Case Material.....................Non-Conductive Black Plastic
13 H 0.4 (10.2) 0.15 MIN. (3.8)
12 0.60 (15.2) 0.80 (20.3)
PIN SIZE: 0.02 X 0.01 INCH OR 0.02 INCH DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. E01 -01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of T2-2S2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X